Part Number Hot Search : 
TEW5532 11016 95CS54F 1C330M 45NM60 BFM23 OPA8731H TVT24
Product Description
Full Text Search
 

To Download SSR8045CTS1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR8045CTS1 and SSR8045CTS2 Series
80 Amp SCHOTTKY CENTERTAP RECTIFIER
45 Volts
Features:
* * * * Low Reverse Leakage Low Forward Voltage Drop Guard Ring for Overload Protection Also available in TO-258 and TO-259 Versions * 175C Operating Temperature * TX, TXV, and S Level Screening Available Symbol Value Units
DESIGNER'S DATA SHEET
Part Number / Ordering Information 1/ SSR8045 CT S1 TX
Screening 2/ __ = Not Screened TX = TX Level TXV = TXV Level S = S Level Package: S1 = SMD1 S2 = SMD2 Configuration: CT = Common Cathode
Maximum Ratings
Peak Repetitive Reverse and DC Blocking Voltage Average Rectified Forward Current 3/ (Resistive Load, 60 Hz Sine Wave, TA = 25 C) Peak Surge Current 3/ (8.3 ms Pulse, Half Sine Wave, TA = 25 C) Operating & Storage Temperature Maximum Thermal Resistance Junction to Case
Notes:
1/ For ordering information, price, operating curves, and availability - Contact factory. 2/ Screening based on MIL-PRF-19500. Screening flows available on request. 3/ Maximum electrical rating shown for centertap configurations both legs tied together. 4/ All electrical characteristics per leg @25C, unless otherwise specified.
VRRM VRSM VR Io IFSM TOP & TSTG Total Per Leg RJE
SMD1 (S1)
45 80 1200 -65 to +175 0.5 1.0
Volts Amps Amps C C/W
SMD2 (S2)
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0052A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR8045CTS1 and SSR8045CTS2 Series
Symbol Min Max Units
Electrical Characteristic
4/
Instantaneous Forward Voltage Drop (TA = 25C, 300 - 500usec Pulse) Instantaneous Forward Voltage Drop (TA = -55C, 300 - 500usec Pulse) Reverse Leakage Current (100% of rated VR, 300s pulse min.) Junction Capacitance (VR=10VDC, TA=25C, f=1MHz)
IF = 10A IF = 20A IF = 40A IF = 20A TA = 25C TA = 100C
VF1 VF2 VF3 VF4 IR1 IR2 CJ
-- -- -- -- -- -- --
0.53 0.65 0.90 0.72 400 30 1600
VDC VDC A mA pF
SMD1 Outline:
SMD2 Outline:
Available Part Numbers: SSR8045CTS1, SSR8045CTS2
PIN ASSIGNMENT: SMD1 SMD2
Common Cathode (CT)
Pin 2 Pin 2
Anode
Pin 1 Pin 1
Cathode
Pin 3 Pin 3
Anode
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0052A
DOC


▲Up To Search▲   

 
Price & Availability of SSR8045CTS1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X